Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download SI-7510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1-2-3 5-Phase Stepper Motor Driver ICs
SI-7510 New Pentagon Connection
Absolute Maximum Ratings
Parameter Main Supply Voltage Logic Supply Voltage Logic Input Voltage REF Input Voltage SENCE Input Voltage Charge Pump Output Voltage Power Dissipation Operating Ambient Temperature Storage Temperature Junction Temperature Symbol VCC1 VCC2 VIN VREF VSENCE VMC3 PD Ta Tstg Tj Ratings 44 7 -0.3 to VCC2 -0.3 to VCC2 2 48 1.6 -10 to 80 -20 to 150 150 Unit V V V V V V W C C C Except when tw<1s Remarks
Recommended Operating Ranges
Parameter Main Supply Voltage Logic Supply Voltage REF Input Voltage Symbol VCC1 VCC2 VREF Operating Ranges 10 to 42* 3 to 5.5 0.1 to 1 Unit V V V
*: Insert a 5V Zener diode between VCC1 and VMC3 when using with VCC1 of 35 V or more.
Electrical Characteristics
Parameter Main Supply Current Logic Supply Current Logic Input Voltage Logic Input Current ENA Input Current REF Input Current SENCE Voltage SENCE Current MO Output Voltage RC Pin Threshold Voltage RC Pin Outflow Current Charge Pump Output Voltage High Side Output Voltage (between gate sources) Low Side Output Voltage Maximum CL Frequency Maximum Input CL Width (on) Power-on Reset time Output Delay Time CW/CCW, F/H Input Data Setup Time CW/CCW, F/H Input Data Hold Time Symbol min. ICC1 ICC2 VIL VIH IIL IIH IENA IREF VSENCE ISENCE VMOL VMOH VRCL VRCH IRC VMC3 VHGSL VHGSH VLGL VLGH fck TCON PTW TIO TICS TICH 500 500 100 1 1.5 2 7.5 4 0.5 1.5 300 VCC1+9 1 8.5 1 -20 3.75 -20 -20 -100 -20 1 20 1 20 20 20 20 Ratings typ. max. 25 10 1.25
(Ta=25C, Vcc1=24V, VCC2=5V, unless otherwise specified) Unit mA mA V V A A A A V A V V V V A V V V V V KHz s s s s s Against CL Without Zener diode VRC=0V VIL=0V VIH=5.5V VENA=0V VREF=0 to 5.5V VREF=1V VSENCE=0V, 2V IMOL=1mA IMOH=-1mA Conditions
132
ICs
SI7510
Internal Block Diagram
VCC2 VCC1 MC2 MC3 MC1
Pin Assignment and Function Table
Pin No. 1 2 3 4
OHGA OHSA OHGB OHSB OHGC OHSC OHGD OHSD OHGE OHSE
Symbol MC1 MC3 MC2 VCC1 Enable VCC2 MO CL F/H CW/CCW Reset RC Ref Sense Gnd VOLE VOLD VOLC VOLB VOLA VOHSE VOHGE VOHSD VOHG VOHSC VOHGC VOHSB VOHGB VOHSA VOHGA
Function Capacitor Connection Terminal for Charge Pump (for MC2) Capacitor Connection Terminal for Charge Pump (for Gnd) Capacitor Connection Terminal for Charge Pump (for MC1) Main Supply Voltage Input Output OFF Logic Voltage Input Monitor to Detect Motor Position Clock 4-phase, 4-5 phase switching Switching Between Forward and Backward Rotation Reset RC Connection for Chopping Off Time Setting Reference Voltage Input for Motor Current Setting For Motor Current Detection Gnd Low Side MOSFET Gate Connection Pin (E-phase) Low Side MOSFET Gate Connection Pin (D-phase) Low Side MOSFET Gate Connection Pin (C-phase) Low Side MOSFET Gate Connection Pin (B-phase) Low Side MOSFET Gate Connection Pin (A-phase) High Side MOSFET Source Connection Pin (E-phase) High Side MOSFET Gate Connection Pin (E-phase) High Side MOSFET Source Connection Pin (D-phase) High Side MOSFET Gate Connection Pin (D-phase) High Side MOSFET Source Connection Pin (C-phase) High Side MOSFET Gate Connection Pin (C-phase) High Side MOSFET Source Connection Pin (B-phase) High Side MOSFET Gate Connection Pin (B-phase) High Side MOSFET Source Connection Pin (A-phase) High Side MOSFET Gate Connection Terminal (A-phase)
Oscillator
Charge Pump
Enable MO CL
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
IO=VRS/RS IOM=Io/2 *IOM : Motor Coil Current tOFF=1.1*Rt*Ct
Highside Drive Sequencer
F/H CW/CCW Reset
Lowside Drive
OLA OLB OLC OLD OLE
RC Ref Sense Gnd
PWM Control
Typical Connection Diagram
C1 C2
24V
VCC1
5V
VCC2 MC1 MC2 MC3
6
1
3
2
R3
Enable MO
5
7 8 9 10 11
Logic Signal Input and Output
CL F/H CW/CCW Reset
4 30 29 28 27 26 25 24 23 22 21
OHGA OHSA OHGB OHSB OHGC OHSC OHGD OHSD OHGE OHSE
4 5 10 15 3 9 1 7 14 SLA5073 8 12 13 2 6 11
22 23 24 25 26 27 28 29 30
SI-7510
5-phase SPM New Pentagon
C4 R1Ref C3 R2
12 13
20 19 18
OLA OLB OLC
4 3 9 7 17 16 15
Gnd OLD OLE
Pins 11 to 15: NC
SLA5074
1 8
5
R1=510 R2=100(VR) R3=20K RS=0.33(1 to 2W) Rt=15 to 75K Ct=420 to 1100pF C1=2200pF C2=0.01F C3=0.1F C4=0.01F
10
2 6
14
Sense
RC
Rs
Io
Ct
Rt
Truth Table
Pin Name Clock CW/CCW Full/Half Enable Reset Forward Rotation (CW) 4-phase excitation Disable Enable Low Level High Level Positive Edge Backward Rotation (CCW) 4-5 phase excitation Enable Reset
*Be especially careful of noise on the Vcc line. The product may malfunction if noise on the Vcc line is 0.5 V or more.
Input and Output Timing Chart
0 CL Reset Enable CW/CCW F/H 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75
External Dimensions (DIP30)
8.80.2
(Unit : mm)
OHA OHB OHC OHD OHE OLA OLB OLC OLD OLE MO Reset CW, Full CCW, Full CCW, Half CW, Half
Lot No.
J APAN
SK
S I - 7510
28.20.3
75 CL Reset
80
85
90
95
100
105
110
3.610.1
4.30.3
CW/CCW F/H OHA OHB OHC OHD OHE OLA OLB OLC OLD OLE MO CW, Half Disable Reset CCW,Full Disable The range to Prohibit Switching The range to Prohibit Switching 500ns 500ns Switchable Range CW/CCW F/H CL
1.0 - 0.06
+ 0.3
7.10.5
Enable
10.16
* Condition to Switch Input Signals
+0.1 0.25 - 0.05
1.778
2.80.2
0 to 15 1.654 TYP 0.460.1
Product Mass : Approx.2g
ICs
133


▲Up To Search▲   

 
Price & Availability of SI-7510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X